PART |
Description |
Maker |
HSH2501NIL0 SUV-2501NIL HBO2501NIL HBO2501W HSH250 |
Lamp for photolithography. Power 2500 watts, current 109 amps(DC), voltage 23 volts(DC). Temperature(at base) 220degC(max). Lamps for Photolithography
|
PERKINELMER[PerkinElmer Optoelectronics]
|
SWR21700 |
Railway battery
|
Shenzhen Sunnyway Battery Tech Co.Ltd.
|
TJ50A-2022SCA-A |
Interface Connector for Railway Applications
|
Hirose Electric
|
RSD-300 |
300W Railway Single Output DC-DC Converter
|
Mean Well Enterprises Co., Ltd.
|
RSD-150C-12 RSD-150D-12 RSD-150D-24 RSD-150D-5 RSD |
150W Railway Single Output DC-DC Converter
|
Mean Well Enterprises Co., Ltd.
|
MR1011S-05RU MR1011S-12RU |
Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
|
MicroPower Direct, LLC
|
FM2500W FM2500W-W |
0.15 A, 2500 V, SILICON, SIGNAL DIODE HIGH VOLTAGE RECTIFIER VOLTAGE 2500 Volts CURRENT 0.15 Ampere
|
RECTRON LTD Rectron Semiconductor
|
TQ2L25V TQ2SL-4.5V TQ2SA-12V TQ2SA-L-12V TQ2-2M-24 |
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806 POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.012A (COIL), 12VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 12VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.094A (COIL), 1.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, LATCHED, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.023A (COIL), 3VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor
|
5KP45APT |
VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
|
Chenmko Enterprise Co. Ltd.
|
R4000 R5000 R2500 R3000 |
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) 0.2 A, 2500 V, SILICON, SIGNAL DIODE, DO-15 CB 17C 17#16 PIN RECP BOX
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
TXS2SA-L-9V-X |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.004A (COIL), 9VDC (COIL), 35mW (COIL), 1A (CONTACT), 110VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
HL2PLDC110VF |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.01A (COIL), 110VDC (COIL), 1000mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
|