PART |
Description |
Maker |
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-4S11605F3-00-000-00-000 M80-4S12801F3-00-000-0 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, guide pin with panel mount jackscrews, 8 8-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, guide pin with panel mount jackscrews, 14 14-way 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, guide pin with panel mount jackscrews, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, guide pin with panel mount jackscrews, 14 14-way 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, guide pin with panel mount jackscrews, 18 18-way 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, guide pin with panel mount jackscrews, 19 19-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, guide pin with panel mount jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, guide pin with panel mount jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, guide pin with panel mount jackscrews, 19 19-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-6810645 M80-6810642 M80-6813442 |
Datamate L-Tek DIL Female Vertical SMT Connector, gold clip gold shell, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET Datamate L-Tek DIL Female Vertical SMT Connector, gold clip tin shell, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET Datamate L-Tek DIL Female Vertical SMT Connector, gold clip tin shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M80-8561705 B5743-204-M-T-B |
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, unlatched, gold, 2 2-way
|
HARWIN INC
|
M80-4055001 M80-4055005 |
JACKSCREW DATAMATE DIL VERTICAL PC-TAIL FEMALE REVERSE FIX
|
Harwin Plc
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8394442 M80-8394445 M80-8392642 M80-8392645 M8 |
DATAMATE DIL HORIZONTAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS) DATAMATE DIL HORIZONTAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS)
|
Harwin Plc http://
|
M22-5322405R |
2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (Tape & Reel packing), 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M402F2-8005R |
0.5mm Pitch DIL Vertical SMT Female Assembly
|
Harwin
|
|