PART |
Description |
Maker |
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
KA278R05CTU KA278RA33C KA278R05CTSTU KA278R05CYDTU |
2A Adjustable/Fixed 5V Low Dropout Voltage Regulator (LDO) 2A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 2A Fixed 12V Low Dropout Voltage Regulator (LDO) 2A Fixed 9V Low Dropout Voltage Regulator (LDO) 2A Fixed 5V Low Dropout Voltage Regulator (LDO) 2A Fixed 5.1V Low Dropout Voltage Regulator (LDO) 2A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
KA78R12CTSTU KA78R12CTU KA78R33CYDTU KA78R05C KA78 |
1A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 1A Fixed 15V Low Dropout Voltage Regulator (LDO) 1A Fixed 12V Low Dropout Voltage Regulator (LDO) 1A Fixed 8V Low Dropout Voltage Regulator (LDO) 1A Fixed 9V Low Dropout Voltage Regulator (LDO) 1A Fixed 5V Low Dropout Voltage Regulator (LDO) 1A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
B1586 B1586S-1.5 B1586S-2.5 B1586S-3.0 B1586S-3.3 |
1.5A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 1.5A low dropout voltage regulator 2.5V 1.5A low dropout voltage regulator 3.0V 1.5A low dropout voltage regulator 3.3V 1.5A low dropout voltage regulator Adjustable 1.5A low dropout voltage regulator
|
BayLinear
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
TA78DS10F TA78DS06F TA78DS08F TA78DS09F TA78DS12F |
Low Dropout Voltage Regulator 10V Low Dropout Voltage Regulator 6V Low Dropout Voltage Regulator 8V Low Dropout Voltage Regulator 9V Low Dropout Voltage Regulator 12V
|
TOSHIBA
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|