PART |
Description |
Maker |
0002092171 42138-P901L |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190,Male, with Tin (Sn) Plated Brass Contact, 14-18 AWG, Large Insulation Crimp, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
0039000282 39-00-0282 1189T |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1189, Female 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female MOLEX Connector
|
Molex Electronics Ltd.
|
718510022 16-02-1110 0016021110 |
SL Crimp Terminal, Series 71851, Female, with Tin (Sn) Plated Contact, 22-24 AWG, Reel
|
Molex Electronics Ltd.
|
70021-0221 16-02-0114 0016020114 |
SL Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
71851-0222 016-02-1114 0016021114 |
SL Crimp Terminal, Series 71851, Female, with Tin (Sn) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 71851, Female, with Tin (Sn) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
0039000280 39-00-0280 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, 3.68mm (.145) Pitch 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, 3.68mm (.145") Pitch MOLEX Connector
|
Molex Electronics Ltd.
|
71851-0224 016-02-1125 0016021125 |
SL Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
70021-0223 16-02-0115 0016020115 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
|