PART |
Description |
Maker |
5217630010 |
OPT COUPLER
|
Meder Electronic
|
5252203000 |
OPT COUPLER
|
Meder Electronic
|
5217670010 |
OPT COUPLER
|
Meder Electronic
|
5217103000 |
OPT COUPLER
|
Meder Electronic
|
14-44-5324 14-44-5312 14-44-5319 14-44-2906 14-44- |
SL IDT Opt D Male 22AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 6Ckt 6 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 25Ckt SL IDT Opt D Male 28AWG 15 SAu 7Ckt SL IDT Opt D Male 22AWG 15 SAu 15Ckt SL IDT Opt D Male 22AWG 15 SAu 9Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
15-80-0403 15-80-0445 15-80-0503 15-80-0101 15-80- |
CGrid VT Shrd Hdr Opt A 15 SAu 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 15 SAu 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 12Ckt
|
Molex, Inc. MOLEX INC
|
14-56-3125 14-56-3055 14-56-3165 |
100 SL Assy Single Row 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 16ckt
|
Molex, Inc. MOLEX INC
|
HSDL-1100008 HSDL-1100018 HSDL-1100007 HSDL-110001 |
IrDA 1.1 Compliant 4Mb/s 5V Transceiver. Top Option.Tape & ReelLINot Recommended for New Designs) IrDA 1.1Compliant 4Mb/s 5V Transceiver. Top Opt. 10 units/stripLINot Recommended for New Designs) IrDA 1.1Compliant 4Mb/s 5V Transceiver.Front Option.Tape & Reel<LINot Recommended for New Designs) 红外1.1Compliant 4Mb sV的Transceiver.Front Option.Tape IrDA 1.1Compliant 4Mb/s 5V Transceiver.Front Opt.10 units/strip<LINot Recommended for New Designs) 红外1.1Compliant 4Mb sV的Transceiver.Front Opt.10单位/条\u0026lt;LI\u0026gt;(不推荐用于新设计)
|
Ecliptek, Corp.
|
14-56-2092 |
CGrid SL IDT Opt G 15 SAu 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
|