PART |
Description |
Maker |
V48A24C250B V48C24T250B V48A24H250B V48A24M250B V4 |
IC Z8 GP MCU 8K OTP 20SOIC 48Vin / 24Vout / 250Watts DC - DC转换模块 48Vin / 24Vout / 250Watts DC-DC Converter Module
|
Vicor, Corp. VICOR[Vicor Corporation]
|
V375A24C600B V375C24T600B V375A24H600B V375A24M600 |
375Vin / 24Vout / 600Watts DC-DC Converter Module 375Vin / 24Vout / 600Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
V48A12C300A V48C12T300A V24A12C300A V24A12H300A V2 |
375Vin / 24Vout / 300Watts DC-DC Converter Module 375Vin / 24Vout / 300Watts DC - DC转换模块
|
VICOR[Vicor Corporation] Vicor, Corp.
|
V24B24C200B V24C24T200B V24A24C200B V24A24H200B V2 |
24Vin / 24Vout / 200Watts DC-DC Converter Module 24Vin / 24Vout / 200Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
HB50-12-33N HB50-12-05 HB50-12-05N HB50-12-12 HB50 |
12Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 50W
|
Broadband TelCom Power, Inc.
|
V300A48C500B V300C48T500B V300A48H500B V300A48M500 |
300Vin / 48Vout / 500Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
SA70A SA15A SA90A SA40A SA150CA SA6.5CA SA5.0CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 55SS Series Series Unipolar Hall-Effect Digital Position Sensor Ceramic Multilayer Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System ; Capacitance:2200pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:1000V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ RES 412 OHM 1/10W .5% 0805 SMD SENSOR DI-MAG SPEED 500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp. Electronics Industry Public Company Limited Micro Commercial Compon...
|
SA7V0A-G SA7V0CA-G SA9V0A-G SA9V0CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=500Watts, V-RWM=9V, Tolerance=5%
|
Comchip Technology
|
LTM4607IV-PBF LTM4607EV-PBF LTM4607V |
36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC μModule
|
Linear Technology
|
V300C15C250A V375A15C250A V300B15M250A V300B15C250 |
300Vin / 24Vout / 250Watts DC-DC Converter Module 300Vin / 24Vout / 250Watts DC-DC Converter Module
|
Vicor Corporation
|
S25-48-1.8 |
48Vin 1.8Vout 8.0A
|
Broadband TelCom Power, Inc.
|
S25-48-2.5 |
48Vin 2.5Vout 7.0A
|
Broadband TelCom Power, Inc.
|