PART |
Description |
Maker |
1.5KE24ARL4 1.5KE220AG 1.5KE27ARL4G 1.5KE110ARL4G |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
SSM3J02T |
1500 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
FDG326P FDG326 FDG326PNL |
P-Channel 1.8V Specified PowerTrench MOSFET P-Channel 1.8V Specified PowerTrench MOSFET CAP CER 220PF 630VDC U2J 1206 1500 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STW3N150 STP3N150 STFW3N150 STFW3N15010 |
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH Power MOSFET in TO-220, TO-247, TO-3PF
|
STMicroelectronics
|
MASMCG5.0C SMCG8.0A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
FDN308P FDN308PNL FDN308PT/RNL |
1500 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET LEAD FREE, SUPERSOT-3 P-Channel 2.5V Specified PowerTrench MOSFET P-Channel 2.5V Specified PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MSPSMCGLCE17ATR JANMQSMCGLCE24ATR JANMQSMCJLCE24AT |
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500瓦的低电容表面贴装瞬态电压抑制器
|
Microsemi, Corp.
|
MMFT3055VL MMFT3055VL_D ON2227 MMFT3055VLT3 |
1500 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA TMOS POWER FET 1.5 AMPERES 60 VOLT N-hannel Enhancement-ode Silicon Gate From old datasheet system
|
MOTOROLA INC Motorola, Inc. ON Semi
|
1.5KE22A 1.5KE33A 1.5KE91A 1.5KE18A 1.5KE68A 1.5KE |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 Watt MosorbE Zener Transient Voltage Transient Voltage 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106B; No. of Contacts:2; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No ; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-5 RoHS Compliant: Yes 1500 Watt MosorbTM Zener,Transient Voltage Suppressors(1500W MosorbTM齐纳抗雷TVS))
|
ONSEMI[ON Semiconductor]
|
1.5SMC100A 1.5SMC9.1A 1.5SMC200A 1.5SMC160A 1.5SMC |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
MDE Semiconductor, Inc.
|
|