PART |
Description |
Maker |
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
MUX28 MUX-16AT MUX28AT/883 |
8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected)
|
ANALOG DEVICES INC AD[Analog Devices]
|
HI3-0508-5Z |
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 8-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16
|
Intersil, Corp.
|
UT4812Z UT4812ZG-S08-R |
DUAL N-CHANNEL ENHANCEMENT MODE 30 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
6AM14 |
Silicon N-Channel/P-Channel Power MOS FET Array 硅N-Channel/P-Channel功率MOS FET阵列
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
TD9944 TD9944TG |
Dual N-Channel Enhancement-Mode Vertical DMOS FETs 240 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
Supertex, Inc. SUTEX[Supertex, Inc]
|
SIZ710DT-T1-GE3 |
N-Channel 20 V (D-S) MOSFETs 16 A, 20 V, 0.0068 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.73 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
SIZ730DT-T1-GE3 |
N-Channel 30 V (D-S) MOSFETs 35 A, 30 V, 0.0053 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
|