PART |
Description |
Maker |
SC8204N4FL SC8204N4KF SC8204N4KFL SC8204A4F SC8204 |
FAN REMTORE CONTROL DECODER
|
Silan Microelectronics Joint-stock
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
HCS500/SM HCS500-I/SM HCS500/P HCS500-I/P |
KEELOQ Code Hopping Decoder REMOTE-CONTROL RECEIVER/DECODER|CMOS|SOP|8PIN 遥控接收解码器|的CMOS |专科| 8引脚 The HSC500 is a code hopping decoder designed for secure Remote Keyless Entry (RKE) systems. The HCS500 utilizes the patented KEELOQ® ...
|
Microchip Technology, Inc.
|
F75387 F75387RG F75387SG |
隆戮1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control ±1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
|
Feature Integration Technology Inc.
|
E910.16 |
Fan control
|
ELMOS Semiconductor AG
|
AIC1993 |
Linear Fan Control Driver IC
|
http:// Analog Intergrations Corporation
|
ENA0366 |
DC Fan Motor Speed Control IC
|
ON Semiconductor
|
HT632016DIP HT635016DIP HT635016SOIC |
Remote-Control Receiver/Decoder Remote-Control Transmitter/Encoder 远程控制发射编码
|
Bourns, Inc.
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
F75377 F75377R |
H/W Monitor IC with Automatic Fan Speed Control
|
Feature Integration Technology Inc.
|
ASC7611 ASC7611QS24 |
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
|
List of Unclassifed Manufacturers
|