PART |
Description |
Maker |
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
APW7062BKC-TR APW7062BKC-TRL APW7062BKC-TU APW7062 |
Synchronous Buck PWM Controller
|
ANPEC[Anpec Electronics Coropration]
|
AP2014ASMG-13 AP2014 AP2014SMG-7 AP2014ASM AP2014A |
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
|
DIODES[Diodes Incorporated]
|
F72820SG F72820 |
Synchronous Buck PWM DC-DC Controller
|
Feature Integration Technology Inc.
|
FAN6520AIMX FAN6520AM |
Single Synchronous Buck PWM Controller
|
FAIRCHILD SEMICONDUCTOR CORP
|
FAN6520AIMXNL |
Single Synchronous Buck PWM Controller
|
FAIRCHILD SEMICONDUCTOR CORP
|
EM5303A |
5V 12V Synchronous Buck PWM Controller
|
CYStech Electronics
|
USR1101G-S08-T USR1101G-S08-R USR1101L-S08-R USR11 |
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
|
Unisonic Technologies
|
MIC2169BYMM MIC2169B10 |
500kHz PWM Synchronous Buck Control IC
|
Micrel Semiconductor
|
APW7063KC-TRG APW706309 |
Synchronous Buck PWM and Linear Controller
|
Anpec Electronics Coropration
|
RT8234A |
Single Synchronous Buck PWM Controller
|
RICHTEK
|