PART |
Description |
Maker |
LA4450 |
Monolithic Linear IC Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
|
Sanyo Semicon Device
|
M24LR64-R12 |
64 Kbit EEPROM with password protection & dual interface: 400 kHz I2C serial bus & ISO 15693 RF protocol at 13.56 MHz
|
STMicroelectronics
|
PCNET-HOME |
PCnet-HOME - PCnet-HOME Software HOMELANDIAG - DOS Diagnostics Utility User Reference Guide
|
Advanced Micro Devices
|
LA1845NV |
FM/AM HF Amplifiers: Home stereo system tuner IC with electronic tuning Single-Chip Home Stereo IC
|
SANYO[Sanyo Semicon Device]
|
MCP2140 MCP2150 MCP2155 |
The MCP2140 embeds IrDA protocol handling and bit encoding/decoding, and provides the lowest cost, lowest power consumption solution for adding IrDA connectivity to embedded systems The MCP2150 provides IrDA protocol handling PLUS bit encoding/decoding functionality for Data Terminal Equipment (DTE) applications in one low pincount device. The MCP2155 provided IrDA protocol handling PLUS bit encoding/decoding functionality for Data Communication Equipment (DCE) applications in one low pincount device
|
Microchip
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
UT1553RTMP-WCA UT1553RTMP-WCC UT1553RTMP-WPC |
Remote terminal multi-protocol. Flow mil-temp. Lead finish solder. Remote terminal multi-protocol. Flow mil-temp. Lead finish gold. Remote terminal multi-protocol. Flow phototype. Lead finish gold.
|
Aeroflex Circuit Technology
|
K1205 K1297 |
Protocol Tester
|
Tektronix
|
009286002021106 |
POKE HOME
|
AVX Corporation
|
MC68605 |
X.25 Protocol Controller(XPC)
|
Motorola, Inc
|