PART |
Description |
Maker |
M4T32-BR12SH M41ST85W M41ST85W_06 M41ST85WMH6 M41S |
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
|
STMICROELECTRONICS[STMicroelectronics]
|
ASM161SEUS ASM161_162_V1.0 ASM162TEUS_T ASM161 ASM |
3.08 V, mP supervisor circuit 4.00 V, mP supervisor circuit 2.93 V, mP supervisor circuit uP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system CPU Supervisors with POR, Edge Triggered MR 4.63 V, mP supervisor circuit 4.38 V, mP supervisor circuit
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AN1957 |
Microprocessor Supervisor Functions
|
STMicroelectronics
|
MAX708S MAX708R/S/T |
3 V microprocessor supervisor circuit with power fail comparator and manual reset 3伏微处理器电源监控电路故障比较和手动复位 3 V microprocessor supervisor circuit with
power fail comparator and manual reset
|
Maxim Integrated Products, Inc. PHILIPS
|
MAX16055AUB |
Ultra-Small, Hex Voltage, Microprocessor Supervisor
|
Maxim Integrated Products
|
MAX6916EO30 MAX6916EO33 MAX6916EO50 MAX691605 |
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
Maxim Integrated Products
|
IMP706JCPA IMP706JCSA IMP706JCUA IMP706JEPA IMP706 |
3/3.3/4.0V μP SUPERVISOR CIRCUITS 3/3.3/4.0V 渭P SUPERVISOR CIRCUITS 3/3.3/4.0V P SUPERVISOR CIRCUITS 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical aluminum housing; two hex nuts; 152,4 mm [6 in] lead wires; current sinking output; and Vdc supply voltage 3/3.3/4.0V レP SUPERVISOR CIRCUITS 3/3.3/4.0VレP监控电路
|
IMP[IMP Inc] IMP[IMP, Inc] IMP INC. Altera, Corp.
|
MAX792LMJE MAX820LMJE MAX792LESE MAXIMINTEGRATEDPR |
Microprocessor and Non-Volatile
Memory Supervisory Circuits(微处理器和非易失存储器监控电 Power Supply Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
X5643P X5643P-4.5A X5643S14 X5643S14-2.7 X5643S14- |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 64Kbit SPI EEPROM
|
Intersil, Corp. XICOR[Xicor Inc.]
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|