PART |
Description |
Maker |
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
ISL6569ACR-T ISL6569ACB ISL6569ACB-T ISL6569A |
PWM Controller, 2-Phase, 5-Bit DAC, Reg .5%, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
DS8816A |
Dual-Phase PWM Controller with PWM-VID Reference
|
Richtek Technology Corp...
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
ISL6334D09 |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil Corporation
|
ISL68137-16 |
Digital Dual Output, 7-Phase Configurable PWM
|
Intersil Corporation
|
ISL6442IA ISL6442IAZ ISL6442 |
Dual (180∑ Out-of-Phase) PWM and Linear Controller
|
Intersil Corporation
|
ISL8120IRZ-TEC ISL8120IRZEC |
Dual/n-Phase Buck PWM Controller with Integrated Drivers
|
Intersil Corporation
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
RT9256 RT9256GQV RT9256PQV |
Actively Alternative Mode Two-Phase / Dual Switching PWM Controller
|
Richtek Technology Corporation
|
PIC16F785-I_ML PIC16F785-E_ML PIC16F785T-E_ML PIC1 |
20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|