PART |
Description |
Maker |
MB6021A MB6021A-P MB6021A-PD MB6026A MB6026A-P MB6 |
SINGLE CHIP CODEC WITH FILTERS
|
Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited. http://
|
MSM6983 MSM6982 MSM6962 |
(MSM696x / MSM698x) Single Chip CODEC
|
OKI Semiconductor
|
MC145483 MC145483DW MC145483SD MC145483SDNBSP MC14 |
From old datasheet system u-Law/Linear CODEC PCM CODEC,SINGLE,CMOS,SSOP,20PIN,PLASTIC PCM CODEC,SINGLE,CMOS,SOP,20PIN,PLASTIC 3V 13-Bit Linear PCM Codec-Filter
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola Semiconductor Products Inc
|
2913 2914 |
(2913 / 2914) COMBINED SINGLE-CHIP PCM CODEC AND FILTER
|
Intel Corporation
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
TC5747 |
Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
|
ETC
|
DSP56305DS |
DSP56305 Single Chip Channel Codec Digital Signal Processor Data Sheet
|
Motorola
|
LA71011M |
VHS Video Y/c/a in a Single Chip
|
Sanyo Semiconductor
|
CX25895 CX25896 CX25894 |
Single-Chip, High-Performance (DVI) Digital Video Transmitter
|
CONEXANT[Conexant Systems, Inc]
|