PART |
Description |
Maker |
BR95020-WMN6TP BR95XX0-WXX6TP BR95010-WDS6TP BR950 |
Supply voltage 2.5V~5.5V/Operating temperature -40C~ 85C type
|
ROHM[Rohm]
|
BR93C46-WMN7TP BR93C66-WMN7TP BR93C56-WMN7TP BR93C |
Supply voltage 2.5V~5.5V/Operating temperature -40C~ 105C type
|
ROHM[Rohm]
|
BR24C32AN-10SU-2.7 BR24C01A-10SU-2.7 BR24C01A-10TU |
Supply voltage 2.7V~5.5V/Operating temperature -40C~ 85C type
|
ROHM[Rohm]
|
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
AO4706 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
ARK-1370-1J0A2E ARK-1370 ARK-1370-2J0A2E |
Low Power Consumption with -40° C Operating Temperature Low Power Consumption with -40掳 C Operating Temperature Low Power Consumption with -40隆? C Operating Temperature
|
Advantech Co., Ltd.
|
STE2004S STE2004SDIE2 |
Execution Time (ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C 102 x 65 single-chip LCD controller/driver
|
意法半导
|
K6R1008C1A- K6R1008C1A-C12 K6R1008C1A-C15 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128Kx8高速静态内存(5V工作),旋转引脚输出。在商用和工业温度范围操 128Kx8 High Speed Static RAM5V Operating/ Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128K x 8 high speed static RAM, 5V operating, 20ns 128K x 8 high speed static RAM, 5V operating, 15ns
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
MHV2812S MHV2812D MHV2815D MHV2805D MHV2805S MHV28 |
Operating temperature -55掳 to 125掳C Input voltage range 16 to 50 VDC Operating temperature -55° to 125°C Input voltage range 16 to 50 VDC
|
Interpoint Corporation Company
|
CBT3125PW CBT3125 CBT3125D CBT3125DB CBT3125DS CBT |
CBT3125; Quadruple FET bus switch From old datasheet system Quadruple FET bus switch - # of Bits per Enable: 1 ; Description: Bus Switch ; Number of bits: 4 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC; Package: SOT402-1 (TSSOP14); Container: Reel Pack, SMD, 13" Quadruple FET bus switch - # of Bits per Enable: 1 ; Description: Bus Switch ; Number of bits: 4 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC; Package: SOT108-1 (SO14); Container: Tube
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|