PART |
Description |
Maker |
FODM121 |
(FODM12x / FODM27xx) 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
|
Fairchild Semiconductor
|
FODM3063R2 |
4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
|
Fairchild Semiconductor
|
HMHA2801AR1 HMHA2801AR1V HMHA2801AR2V HMHA2801AR3 |
4-Pin Half Pitch MFP Phototransistor Output Optocoupler 4-Pin Half Pitch MFP AC Input Phototransistor Output Optocoupler HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FODM301109 FODM3023R2V FODM3022R2 FODM3012R FODM30 |
4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers 4-pin Full Pitch MFP 400V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 400V Random Phase Triac Driver 10mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
CT415AV CT415BT2 CT415T1 CT415AVT1 CT415AT1 CT415B |
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
|
CT Micro International ...
|
NNCD6.8RL |
ESD noise clipping diode 5-pin XSOF (flat lead type) low capactance 5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE) 5针超小微型模具(扁平引脚型)静电放电噪声裁剪二极管(四型:共阳极
|
NEC[NEC] NEC Corp. NEC, Corp.
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
TCMT4106 TCMT1100 TCMT1101 TCMT1103 TCMT1108 TCMT1 |
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
|
Vishay Siliconix
|
TCMT4600T0 TCMT1600 TCMT4600 |
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
|
Vishay Siliconix
|
VOS618A |
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
|
Vishay Siliconix
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|