PART |
Description |
Maker |
DO1607BL DO1607BL-XXX |
Backlight Inductors
|
Coilcraft
|
DO1607B-105ML DO1607B-155ML DO1607B-225ML DO1607B- |
Backlight Inductors
|
Coilcraft lnc.
|
DS1608B-106ML DS1608B-105ML |
Backlight Inductors ?DS1608B Series
|
Coilcraft lnc.
|
CAT28F020 CAT28F020-12 CAT28F020-70 CAT28F020-90 C |
150 x 32 pixel format, LED Backlight available 128 x 64 pixel format, White LED backlight 128 x 64 pixel format, White and Yellow-Green backlight 2 Megabit CMOS Flash Memory 2兆位闪存的CMOS High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 2兆位闪存的CMOS
|
http:// CATALYST[Catalyst Semiconductor] HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
SSB-COB6119GW |
61mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 22CHIPS, 4.2V 110mA 38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
|
LUMEX INC. List of Unclassifed Manufacturers ETC
|
SSB-COB6363AW |
63mm x 63mm WIEW AREA, CHIPS ON BOARD LED BACKLIGHT 605mm AMBER, 100CHIPS 4.1V 500mA 63mm x 63mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 605NM AMBER, 100CHIPS 4.1V
|
LUMEX INC. List of Unclassifed Manufacturers ETC
|
INT4003G |
LED BACKLIGHT FOR LCD DISPLAY LED BACKLIGHT FOR LCD DISPLAYS
|
MICRO-ELECTRONICS[Micro Electronics]
|
DCH0805150J DCH0805150K DCH1812150J DCH1812150K DC |
INDUCTORS SURFACE MOUNT INDUCTORS DCH
|
Dubilier
|
ELJFB471F ELJFA100F ELJFCR68F ELJFA151F ELJFA180F |
3. General use FC, FA, FB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor http://
|
3621C100MT1624120-1 |
Inductors; 3621C 10UH 20% ( Sigma Inductors )
|
Tyco Electronics
|
SSB-COB6519GW |
65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 24CHIPS, 4.2V 120mA 65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
|
List of Unclassifed Manufacturers LUMEX INC. ETC
|