PART |
Description |
Maker |
BC41B143A-DS-002PD BC41B143AXX-IXB-E4 |
BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
|
ETC
|
M6MGB64BS8BWG-P M6MGT64BS8BWG-P |
Memory>MCP(Multi Chip Package)>S-CSP(Stacked CSP)
|
Renesas
|
M6MGD13VW34DWG |
Memory>MCP(Multi Chip Package)>S-CSP(Stacked CSP)
|
Renesas
|
M6MGE13VW66CWG |
Memory>MCP(Multi Chip Package)>S-CSP(Stacked CSP)
|
Renesas
|
BCM2048 |
BLUETOOTH 2.0 EDR SINGLE-CHIP HCI SOLUTION
|
Broadcom Corporation
|
LC587202A LC587204A LC587206A LC587208A |
4-bit Single-chip Microcontrollers LCD driver ROM: 2, 4, 6, or 8 K x 16 bits, RAM: 512 x 4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:2 /4 /6 /or8 K x 16 bits / RAM:512 x4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:246or8 K x 16 bits RAM:512 x4 bits CMOS IC 4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits Single-Chip 4-Bit Microcontroller with LCD Driver,512 ×4bit RAM,4K× 16 Bit ROM on chip(单片4位微控制器(带LCD驱动器,512 ×4位RAMK× 16位ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
BCM4328 BCM2153 BCM59001 BCM2048 |
SINGLE CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED BLUETOOTH 2.1 EDR AND FM RECEIVER FOR LOW-POWER MOBILE HANDSET 7.2-MBPS HEDGE 65-nm MULTIMEDIA BASEBAND PROCESSOR
|
BOARDCOM[Broadcom Corporation.]
|
M6MGD13TW34DWG |
Memory>MCP(Multi Chip Package)>S-CSP(Stacked CSP) 134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
|
Renesas Electronics Corporation
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
BA5810FM BA5810FP |
CD / CD-ROM 用ドライバIC CD / CD-ROM 槟????IC CD / CD-ROM 墨?楂どC CD / CD-ROM IC
|
ROHM[Rohm] Rohm CO.,LTD.
|
DAT-G01R SEC-G01R BCD110V3 |
Bluetooth v2.0 EDR specification
|
DB Lectro Inc
|