PART |
Description |
Maker |
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|
MC74LVQ374SD MC74LVQ374 MC74LVQ374DT MC74LVQ374DW |
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
|
MOTOROLA[Motorola, Inc]
|
MC74LCX574 ON1571 MC74LCX574SD MC74LCX574DT MC74LC |
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
74LVX373 74LVX373MTR 74LVX373TTR 74LVX37304 |
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
|
STMicroelectronics
|
74LVX273TTR 74LVX273 74LVX273MTR |
LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
|
STMICROELECTRONICS[STMicroelectronics]
|
74LVX373TTR 74LVX373 74LVX373M 74LVX373MTR |
低电压CMOS八进制D型锁存器(三态非刑事调查。容限为5V输入 LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics]
|
74LVQ245 4907 74LVQ245T 74LVQ245M |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE From old datasheet system LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
MC74LCX244DWG MC74LCX244DTG MC74LCX244DTR2G MC74LC |
Low-Voltage CMOS Octal Buffer
|
ON Semiconductor
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|