PART |
Description |
Maker |
SD-48203-003 |
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
|
Molex Electronics Ltd.
|
48203-6046 0482036046 |
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle,Right Angle, Through Hole, Full 15 Circuits, 2 #4-40 Hex Internal Thread Screws Attached
|
Molex Electronics Ltd.
|
TLP521-2 TLP521-2GB TLP521-2X TLP521-2XGB TLP521-4 |
Fasteners, Washer Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 高密度安装光电晶体管的光耦合隔离 HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 高密度安装光电晶体管的光耦合隔离
|
ISOCOM List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
HCNW137 HCNW2601 HCPL-0631 HCPL-4661 HCPL-2612 HCP |
High CMR, High Speed TTL Compatible Optocouplers High CMR Line Receiver Optocouplers Dual Channel High CMR High Speed TTL Compatible Optocouplers 8 Pin DIP and SOIC-8 HCMOS Compatible High CMR 10 MBd Optocouplers
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HDSOLDERCUP HDVERTICAL 780-M26-113R051 780-MYY-113 |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|