PART |
Description |
Maker |
IRU1015-33 IRU1015-33CD IRU1015-33CM |
VOLT REGULATOR|FIXED| 3.3V|BIPOLAR|SIP|3PIN|PLASTIC 1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(85.72 k) 1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
MAX8868EUK33-T MAX8867EUK30-T |
VOLT REGULATOR|FIXED| 3.3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 3V|CMOS|TSOP|6PIN|PLASTIC 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc.
|
ZMR250CL ZMR250CSTZ ZMR250FTA ZMR50HFTA ZMR25HFTA |
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators Fixed 2.5, 3.3 and 5 volt miniature voltage regulators 2.5 V FIXED POSITIVE REGULATOR, PDSO3
|
Zetex Semiconductor PLC Zetex Semiconductors ZETEX PLC
|
L7805CV L7812CV L7812 |
POSITIVE VOLTAGE REGULATORS From old datasheet system VOLT REGULATOR,FIXED, 12V,BIPOLAR,SIP,3PIN,PLASTIC VOLT REGULATOR,FIXED, 5V,BIPOLAR,SIP,3PIN,PLASTIC
|
SGS Thomson Microelectronics ST Microelectronics
|
RHFL4913ESY501 |
Rad-Hard 5.0 Volt Fixed Positive Vreg
|
ST Microelectronics
|
ZSR300GTA ZSR500GTA ZSR1000GTA ZSR285GTA ZSR485GTA |
3.0 to 12 volt fixed positive local voltage regulator
|
Diodes Incorporated Zetex Semiconductors
|
MIC37152 MIC37150 MIC37150-1.5BR MIC37150-1.65BR M |
FPGA 2000000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 1.5 A LOW VOLTAGE UCAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc.
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
SG7815AR-883B |
Positive Fixed Linear Voltage Regulators; Package: TO-66; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, BFM2
|
Microsemi, Corp.
|
EZ55Z3L-ZADJ.TA EZ55Z3L-ZADJ.TR EZ55Z3L-Z3.3.TA EZ |
Analog IC 模拟IC 5 V FIXED POSITIVE REGULATOR, PBCY3 TO-92, 3 PIN 1.25 V-24 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 TO-92, 3 PIN THS4001 High Speed Amplifier Evaluation Modules 模拟IC 5 V FIXED POSITIVE REGULATOR, PDSO4 9 V FIXED POSITIVE REGULATOR, PDSO4
|
Semtech, Corp. Intersil, Corp.
|