PART |
Description |
Maker |
RT8009-15GB RT8009-12PB RT8009-18GB RT8009-18GJ5 R |
1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter 1.25MHz的,600mA,高效率的PWM降压型DC / DC转换
|
Richtek Technology, Corp.
|
LTC3406B-2 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Linear Technology
|
26
|
LTC3448 3448F LTC3448EMS8E LTC3448EDD |
From old datasheet system 1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
|
Linear Technology
|
HT7463A |
52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
|
Holtek Semiconductor In...
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
JMK107BJ106MA JMK107BJ475RA GRM219R60J106KE19 GRM2 |
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
HV600S10 |
600mA 10kV HIGH VOLTAGE DIODES
|
getedz electronics
|
HV600S08 |
600mA 8kV HIGH VOLTAGE DIODES
|
getedz electronics
|
ESJC60S12 |
600mA 12kV -High Voltage Power Diodes
|
GETAI ELECTRONICS DEVIC...
|
LP78081 LP78081-30B6F LP78081-33B6F |
600mA High Efficiency Synchronous Buck with 350mA LDO
|
Lowpower Semiconductor inc
|