PART |
Description |
Maker |
PIC18F6625 PIC18F6721 PIC18F8721 PIC18F8625 |
64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
PIC18F8720-E/PT PIC18F8720-I/PT PIC18F8720T-I/PT P |
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D (PIC18Fxx20) Enhanced Flash Microcontrollers The PIC18F8520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... The PIC18F6520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... Ideal for connectivity applications that benefit from the availability of the double asynchronous serial port, the flexible synchronous ...
|
http:// Microchip Technology
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC18F8721 PIC18F6625 |
(PIC18Fxxxx) 1-Mbit Enhanced Flash Microcontrollers
|
Microchip Technology
|
ADP3330ARTZ-2.5-R7 ADP3330ARTZ-3.6-R7 ADP3330ARTZ- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ROHS COMPLIANT, ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SMP900G-JQ |
PIN. Photodiode(Excellent Linearity,Low Noise,Widest Spectral Response,Enhanced UV Sensitivity)(PIN. 光电二极极好线性特性,低噪声,最宽谱响应,增强型UV传感特性)) P.I.N. PHOTODIODE
|
Seme LAB
|
SMP600G-EK |
PIN. Photodiode(Excellent Linearity,Low Noise,Wide Spectral Response,Enhanced UV Sensitivity)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,增强型UV传感性能 P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
SMP900G-KQ |
PIN. Photodiode(Excellent Linearity,Low Noise,Widest Spectral Response,Enhanced UV Sensitivity)(PIN. 光电二极极好线性特性,低噪声,最宽谱响应,增强型UV传感特性)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
FDC37B727 |
128 Pin Enhanced Super I/O Controller with ACPI Support 128 Pin Enhanced Super I/O Controller with ACPI Support 128引脚增强的超级I / O控制器与ACPI的支
|
SMSC Corporation SMSC, Corp.
|
PIC18F2682 |
(PIC18Fxxxx) 28/40/44-Pin Enhanced Flash Microcontrollers
|
Microchip Technology
|
PIC18LF458TELQTP PIC18LF458TIPSQTP |
High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
|
Microchip Technology
|