PART |
Description |
Maker |
IHW30N90T IHW30N90T08 |
Soft Switching Series
|
Infineon Technologies AG
|
Q67040S4714 IKP04N60T |
600V & 1200V IGBT for frequencies up to 10kHz for hard switching and up to 30kHz for soft switching with antiparallel diode. ... Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
|
INFINEON[Infineon Technologies AG]
|
IKW75N60T |
600V & 1200V IGBT for frequencies up to 10kHz for hard switching and up to 30kHz for soft switching with antiparallel diode. ...
|
Infineon
|
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
GT50N322A |
IGBT for soft switching applications
|
TOSHIBA
|
IRGP50B60PDPBF-15 |
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRGP50B60PD1PBF |
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
AUIRGP50B60PD1 AUIRGP50B60PD1E |
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRGB20B60PD1PBF |
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE WARP2系列IGBT与超快软恢复二极
|
International Rectifier, Corp.
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|