PART |
Description |
Maker |
HT66F016 HT66F017 HT68F017 HT68F016 |
Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
HT66F60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
HT66F2010 HT66FU60 HT66FU30 HT66FU40 HT66FU50 HT66 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
HT68F50 HT68F40 HT68F20 HT68F30 HT68F60 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
AT89C51AC2-SLSUM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp.
|
AM29PDL129H88VKI AM29PDL129H68VKI |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable 8M X 16 FLASH 3V PROM, 85 ns, PBGA80
|
Spansion, Inc. SPANSION LLC
|
T89C51CC02CA-TISIM T89C51CC02UA-TISIM |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL Corporation
|
PIC18F442 PIC18F442-E_P PIC18F452 PIC18LF452-I_P30 |
High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
|
MICROCHIP[Microchip Technology]
|