PART |
Description |
Maker |
TC1237 TC1237EUN TC1236 TC1236EUN TC1235 TC1235EUN |
The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. ... The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. Only four external capaci-tors are required for full circuit implementation. Switching frequencies are 12kH (TC1235 / TC1236 / TC1237) Inverting Dual Charge Pump Voltage Converters with Shutdown Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown 反相双(- VIN,这- 2VIN)电荷泵电压转换器,带有关断
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
2N3956TO-78 2N3956-TO-71 2N3956TO-71 |
2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-71 HERMETIC SEALED, TO-71, 6 PIN a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
|
Micross Components
|
PMGD290XN PMGD290XN115 GD290XN115 |
Dual N-channel mTrenchMOS extremely low level FET From old datasheet system Dual N-channel uTrenchmos (tm) extremely low level FET 860 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SUD15P01-52 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) ZENER DIODES P-Channel 8-V (D-S), 175 C MOSFET P-Channel 8-V (D-S), 175C MOSFET
|
Vishay Siliconix
|
LS842 LS840 LS840-2 LS841 |
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
|
LINEAR[Linear Integrated Systems]
|
MAX336-MAX337 MAX337 MAX337CAI MAX337CPI MAX337CWI |
16-Channel Dual 8 Channel, Low Leakage, CMOS Analog Multiplexers 16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers 16-Channel/Dual 8-Channel Low-Leakage CMOS Analog Multiplexers 16-Channel/Dual 8-Channel / Low-Leakage / CMOS Analog Multiplexers Quad LVDS Transmitter 16-SOIC -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AD7708 AD7708BR AD7708BRU EVAL-AD7708EB AD7718BR A |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 8-/10-Channel, Low Voltage, Low Power, ADCs
|
AD[Analog Devices]
|
LSK389-A-71 LSK389-C-71 |
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET 40 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-71
|
Linear Integrated System, Inc LINEAR INTEGRATED SYSTEMS INC
|
MAX1036 MAX1036-MAX1039 MAX1036EKA- MAX1037 MAX103 |
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V.5V,低功耗,4-/12-Channel 2线串位ADC LJT 8C 8#20 PIN RECP 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX110-MAX111 MAX111 MAX111ACAP MAX111ACPE MAX111A |
Low-Cost, 2-Channel, ±14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost 2-Channel 14-Bit Serial ADCs From old datasheet system Low-Cost, 2-Channel, 【14-Bit Serial ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|