PART |
Description |
Maker |
ATV15C580J-G ATV15C580JB-G ATV15CJ750A-G ATV15CJ75 |
Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=150V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=145V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=47.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=70.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=299.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=470.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=10%
|
Comchip Technology
|
1.5KE36A-G 1.5KE36CA-G 1.5KE7.5A-G 1.5KE600CA-G 1. |
Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
SMCG24 SMCG24A SMCJ5.0 SMCJ60 SMCJ60A SMCJ78 SMCJ1 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 CMOS Hex Inverter 14-CDIP -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk INDUCTEL SENSOR RS 485-232 CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 Replaced by CD4020B : CMOS 14-Stage Ripple-Carry Binary Counter/Divider 16-CDIP -55 to 125 SURFACE MOUNT TRANSZORB垄芒 TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
1.5KE36A-HF 1.5KE36CA-HF 1.5KE7.5A-HF 1.5KE600CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=256V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=324.9V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
1N6267L 1N6303L 1N6267AL 1N6268AL 1N6268L 1N6269AL |
TRANSIENT VOLTAGE SUPPRESSOR TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AD
|
EIC discrete Semiconduc... Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
1PMT12ATX 1PMT33ATX 1PMT51ATX 1PMT36ATX 1PMT28ATX |
Zener Transient Voltage Suppressor POWERMITE Package Zener Overvoltage Transient Suppressor(宄板????75W锛????〃璐村?瑁??25.6V宄板?????靛?锛??绾崇????????跺? Zener Overvoltage Transient Suppressor(峰值功75W,塑料表贴封装,25.6V峰值反向电压,齐纳瞬变电压抑制 Zener Transient Voltage Suppressor,POWERMITE Package(齐纳抗雷TVS),POWERMITE 封装) (1PMTxxAT1/T3) Zener Transient Voltage Suppressor POWERMITE Package
|
ONSEMI[ON Semiconductor] http://
|
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
TV02W150B-G TV02W120B-G TV02W280B-G TV02W330B-G TV |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
TVP04A100CA-G TVP04A101A-G TVP04A101CA-G TVP04A110 |
Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=110Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=8.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=136V, Tolerance=5%
|
Comchip Technology
|
CTCN0812V-G CTCN0824V-G CTCN083V3-G CTCN085V0-G CT |
Transient Voltage Suppressor (TVS) Array, V-C=20V, V-PV=16kV, I-PP=12A Transient Voltage Suppressor (TVS) Array, V-C=43V, V-PV=16kV, I-PP=5A Transient Voltage Suppressor (TVS) Array, V-C=8V, V-PV=16kV, I-PP=17A Transient Voltage Suppressor (TVS) Array, V-C=10V, V-PV=16kV, I-PP=17A
|
Comchip Technology
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
|