PART |
Description |
Maker |
MAX5055AASA-T MAX5054AATA-T MAX5054BATAT |
4A, 20ns, Dual MOSFET Drivers 4 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8 4A, 20ns, Dual MOSFET Drivers 4 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, DSO8
|
Maxim Integrated Products, Inc.
|
MAX5056AASA MAX5054 MAX5054AATA MAX5054AATV MAX505 |
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
|
Maxim Integrated Products
|
MT2030-HRG MT2030-YG MT2030-RG MT2030-HR |
T-1 Two Leaded Tri-State LED Lamps 的T 1 2引线三州LED灯具 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting & Non-Inverting; Peak Output High Current, Ioh:3A; Rise Time:23ns; Fall Time:25ns; Load Capacitance:1800pF; Package/Case:8-DIP; Number of Drivers:2 IC,Dual MOSFET Driver,BCDMOS,DIP,8PIN,PLASTIC RoHS Compliant: Yes Marktech 2 Leaded 3mm Tri−State LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TC42606 TC428EPA |
1.5A Dual High-Speed Power MOSFET Drivers 1.5 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP8
|
Microchip Technology
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TSC427MNP/883B |
Dual-Power MOSFET Drivers
|
MAXIM - Dallas Semiconductor
|
TC440406 |
1.5A Dual Open-Drain MOSFET Drivers
|
Microchip Technology
|
NCP4423DWR2 NCP4424P NCP4423 NCP4423P NCP4424DWR2 |
3A Dual High-Speed MOSFET Drivers
|
ON Semiconductor
|
MC34151-D |
High Speed Dual MOSFET Drivers
|
ON Semiconductor
|
EL7202CN EL7202CS EL7202CS-T13 EL7202CS-T7 EL7202C |
High Speed, Dual Channel Power MOSFET Drivers 2 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|