PART |
Description |
Maker |
LTC2391ILX-16 LTC2391ILX-16PBF LTC2391CLX-16 LTC23 |
16-Bit, 250ksps SAR ADC with 94dB SNR
|
Linear Technology
|
LTC2364IDE-16TRPBF LTC2364IDE-16PBF LTC2364CMS-16T |
16-Bit, 250ksps, Pseudo-Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
LTC1861 LTC1860 LTC1861CS8 LTC1861CMS LTC1861IMS L |
5V, 2-Ch 12-bit, 250ksps, Serial Interface, MSOP 5V, 12-bit, 250ksps Differential Input ADC, MSOP, Serial Interface mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC1865ACMS LTC1865AIMS LTC1864CMS8 LTC1864CS8 LTC |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP レPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC2377HMS-16PBF LTC2377HMS-16TRPBF |
16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
|
Linear Technology
|
LTC2378IDE-20PBF |
20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
|
Linear Technology
|
LTC1864IS8 LTC1864AIS8 LTC1864AIMS8 LTC1865ACMS LT |
楼矛Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP 渭Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP μPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC1860 LTC1861 |
µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC1864LACS8 LTC1865LACS8 LTC1865LIS8 LTC1864LIMS8 |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 レPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in SOIC; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C μPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1865 |
5V, 2-Ch 16-bit, 250ksps, Serial Interface, MSOP
|
Linear
|
MCP3201-CI/SN MCP3201-CI/ST MCP3201-CI/P MCP3201-B |
The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3201 features a successive approximation register (SAR)
|
Microchip
|
|