PART |
Description |
Maker |
CTB16-1000B CTB16-1000BPT CTB16-1000BW CTB16-1000B |
16Amp - 400/600/800/1000V - TRIAC
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
CRNA20-600PT CRNB20-400 CRNB20-400PT CRNA20-400 CR |
20Amp - 400/600/800/1200V - RECTIFIER
|
List of Unclassifed Manufacturers ETC[ETC]
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
CS220-35N CS220-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS 35 A, 600 V, SCR, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BCR10PM-8L BCR10PM-8 BCR10PM-12L BCR10PM-12 BCR10P |
Isolated Triac 10 Amperes/400-600 Volts 隔离TRIAC 10 Amperes/400-600伏特 Isolated Triac 10 Amperes/400-600 Volts 400 V, 10 A, TRIAC, TO-220
|
POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
CM400HA-12H |
Single IGBTMOD 400 Amperes/600 Volts Single IGBTMOD 400 Amperes/600 Volts 400 A, 600 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CQ220-12NFP |
12 AMP TRIAC 600 THRU 800 VOLTS 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
CQDD-16N |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Central Semiconductor, Corp.
|
CR3CM |
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts 铅安装,相位控制晶闸3 Amperes/400-600伏特
|
Powerex, Inc.
|
|