PART |
Description |
Maker |
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
BTS7960 BTS7960B Q67060-S6160 BTS7960P |
High Current PN Half Bridge NovalithIC 43 A, 7 m蟹 9 m蟹 High Current PN Half Bridge NovalithIC 43 A, 7 mз 9 mз
|
INFINEON[Infineon Technologies AG]
|
BTN7973B |
High Current PN Half Bridge NovalithIC
|
Infineon Technologies AG
|
FAN73933MX FAN73933 |
Half Bridge Gate Driver HALF BRIDGE BASED PRPHL DRVR, PDSO14 0.150 INCH, ROHS COMPLIANT, SOIC-14 Half-Bridge Gate Drive IC
|
Fairchild Semiconductor, Corp.
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
BTS7970B |
BRUSHLESS DC MOTOR CONTROLLER, PSSO7 High Current PN Half Bridge NovalithIC 68 A, 7 m? 9 m?typ.
|
Infineon Technologies AG
|
IR03H420 |
500V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF-BRIDGE
|
IRF[International Rectifier]
|
IR01H420-P2 IR01HD214 IR01D214 IR01D214-P2 IR01D22 |
250V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF BRIDGE
|
IRF[International Rectifier]
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
HIP2106 HIP2106IB HIP2106IP |
100V/1A Peak/ Low Cost/ High Frequency Half Bridge Driver 100V/1A Peak Low Cost High Frequency Half Bridge Driver 100V/1A Peak, Low Cost, High Frequency Half Bridge Driver CONTROL(100V/1A 峰低成高频半桥驱动控制) 100V/1A山顶,低成本,高频率的一半桥驱动器控制(100V/1A峰值,低成本,高频半桥驱动控制
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRS2003SPBF IRS2003PBF IRS2003PBF-15 |
HALF BRIDGE BASED PRPHL DRVR, PDSO8 ROHS COMPLIANT, PLASTIC, MS-012AA, SOIC-8 Floating channel designed for bootstrap operation HALF-BRIDGE DRIVER
|
Kontron AG International Rectifier
|