PART |
Description |
Maker |
FH33MHJ-65S-0.4SH FH33-45S-0.5SH FH33-14S-0.5SH FH |
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
|
Hirose Electric
|
ZL50010QCG1 ZL5001006 ZL50010QCC ZL50010GDC ZL5001 |
Flexible 512 Channel DX with Enhanced DPLL
|
ZARLINK[Zarlink Semiconductor Inc]
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
P87C749EFFFA P87C749EFPN P87C749EBFFA P87C749EFAA |
80C51 8-bit microcontroller family 2K/64 OTP/ROM/ 5 channel 8-bit A/D/ PWM/ low pin count 80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
|
Philips Semiconductors NXP Semiconductors
|
SP0610LE-6288 BSS129E-6325 BSS149E-6288 |
180 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 350 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
NTJD4401NT1 |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection 630 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
KD4868M-FN39.8 KV4868M-FN39.8 WW4868M-FN39.8 WW590 |
N-CHANNEL, Si, SMALL SIGNAL, JFET 0.015 X 0.020 INCH, DIE-2 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET WAFER 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET 0.022 X 0.022 INCH, DIE-6
|
Solitron Devices, Inc. SOLITRON DEVICES INC
|
PEX8517-AC25BIG |
Flexible & Versatile PCI ExpressSwitch Flexible & Versatile PCI Express??Switch
|
PLX Technology, Inc.
|
|