PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SC62007 |
Octal LED Driver, General Purpose Current Sink with Serial Interface
|
Semtech Corporation
|
CBT3245APW CBT3245A CBT3245ABQ CBT3245AD CBT3245AD |
CBT3245A; Octal bus switch Octal bus switch; Package: SOT764-1 (DHVQFN20); Container: Reel Pack, SMD, 7" CBT/FST/QS/5C/B SERIES, OCTAL 1-BIT DRIVER, TRUE OUTPUT, PQCC20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
Q62703-Q1353 Q62703-Q1356 Q62703-Q1355 Q62703-Q391 |
3 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm 3 mm T1 3/4 LED / Diffused Wide-Angle LED 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3毫米T1 3 / 4的LED,扩散广角发光二极管 DIODE SWITCHING SINGLE 240V 225mA-Io 250mW 50ns-trr SOT-323 3K/REEL 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3 mm T1 3/4 LED Diffused Wide-Angle LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DAC8840 DAC8840FP DAC8840FS DAC8840FW DAC8840GBC |
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 8-BIT DAC, PDIP24 8-Bit Octal/ 4-Quadrant Multiplying/ CMOS TrimDAC 8-Bit Octal 4-Quadrant Multiplying CMOS TrimDAC 8-Bit, Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
|
Analog Devices, Inc. AD[Analog Devices]
|
AT27C020 AT27C020-12JC AT27C020-12JI AT27C020-12PC |
2-Megabit 256K x 8 OTP EPROM 256K X 8 OTPROM, 70 ns, PDSO32 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 256K X 8 OTPROM, 120 ns, PDSO32 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 256K X 8 OTPROM, 120 ns, PDIP32 LED 470NM BLUE SMD PLCC4
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74ACTQ245 74ACQ245 74ACTQ245MSAX 74ACQ245CW 74ACTQ |
Quiet Series Octal Bidirectional Transceiver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Bidirectional Transceiver Quiet Series???? Octal Buffer/Line Driver Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs Single 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
SN74LS373 SN74LS373DW SN74LS374M SN74LS373M SN74LS |
LOW POWER SCHOTTKY Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
|
ONSEMI[ON Semiconductor]
|
ACS374DMSR ACS374D ACS374HMSR FN3997 ACS374MS ACS3 |
Radiation Hardened Octal D Flip-Flop/ Three-State Radiation Hardened Octal D Flip-Flop, Three-State From old datasheet system Radiation Hardened Octal D Flip-Flop Three-State D Flip Flop, Octal, Tri-State, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
IDT74FCT574A IDT54FCT574A IDT74FCT574C IDT74FCT574 |
Octal D Register with 3-State From old datasheet system FAST CMOS OCTAL D REGISTERS (3-STATE)
|
IDT
|
IDT74FCT541 IDT74FCT541A IDT74FCT541AD IDT74FCT541 |
FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, CQCC20 Internal Memory; For Use With:Eurotherm 6000 Series Paperless Recorders; Memory Size, RAM:96MB 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDIP20 FAST CMOS OCTAL BUFFER/LINE DRIVER 快速CMOS八路缓冲线路驱动 INDICATORINDICATOR; Accuracy, calibrated:The greater of /-0.25% of reading or /-1c or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Depth, external:103mm; Digits, No. of:4; Display:15.9mm high red LED TEMP CONTROLLER, PIDTEMP CONTROLLER, PID; Accuracy, calibrated:The greater of /-0.25% of reading, or /-1c, or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Control Modes:PID, or ON/OFF control; Depth, 3.3V CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technolog... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|