PART |
Description |
Maker |
BT139 BT139-800E BT139-800G BT139-800H BT139-500 B |
Connector Adapter; Convert From:BNC Coaxial Plug; Convert To:Dual Binding Posts; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Triacs sensitive gate Triacs high noise immunity TRIAC 16A/600V
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ERO25THD1002 EROS2THD1002 ERO-S2PHF3301 EROS2C ERO |
Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
|
Panasonic Semiconductor
|
3N245TX 3N243 3N243R 3N243TX 3N244 3N244R 3N244TX |
High Reliability Opeically Coupled Isolators 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Reliability Opeically Coupled Isolators 高可靠性Opeically耦合隔离
|
OPTEK[OPTEK Technologies] TT electronics OPTEK Technology
|
ICL7605MJN ICL7606 ICL7606MJN ICL7605 |
High Reliability Commutating Auto-Zero Instrumentaion Amplifier HIGH RELIABILITY COMMUTATING AUTO - ZERO ( CAZ ) INSTRUMENTATION AMPLIFIER
|
General Electric Solid State Intersil Corporation
|
MAX8555 MAX8555EUB MAX8555AETB MAX8555AEUB MAX8555 |
Low-Cost. High-Reliability. 0.5V to 3.3V ORing MOSFET Controllers Low-Cost, High-Reliability, 0.5V to 3.3V ORing MOSFET Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2N3501CSM4 |
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、NPN晶体管(陶瓷表贴封装
|
SemeLAB SEME-LAB[Seme LAB]
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
DVFL283R3SR/ES-XXX DVFL2805SDL/H-XXX DVFL2815SDL/H |
HIGH RELIABILITY HYBRID DC-DC CONVERTERS 高可靠性的混合型DC - DC变换 HIGH RELIABILITY HYBRID DC-DC CONVERTERS 高可靠性的混合DC - DC变换
|
Delta Electronics, Inc.
|
BD62220AEFV-E2 |
High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
|
Rohm
|
BD63877EFV-E2 |
High Performance, High Reliability 36V Series Stepping Motor Drivers
|
Rohm
|
KT7050 |
High stability and high reliability 2.7 to 5.5V drive available Low phases noise
|
Kyocera Kinseki Corpotation
|