PART |
Description |
Maker |
MAX6872 |
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
|
Maxim
|
MAX6889ETJ |
EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
|
Maxim Integrated Products
|
MAX6889 MAX6891 |
EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
|
Maxim
|
IDT5T9891 IDT5T9891NLI IDT5T9891NLI8 |
EEPROM Programmable 2.5V Programmable Skew PLL Differential Clock Driver
|
IDT
|
EDI7F433512C100BNC EDI7F33512C100BNC EDI7F233512C1 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 40-PDIP AMD的闪存模 EEPROM EEPROM CMOS Programmable Interval Timer; Temperature Range: 0°C to 70°C; Package: 24-PDIP EEPROM
|
Carlo Gavazzi
|
R1EX25002ASA00A-15 |
Serial Peripheral Interface 2k EEPROM (256-word × 8-bit) 4k EEPROM (512-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|
24C64 TU24C64CP2 TU24C64CP3 TU24C64CS2 TU24C64CS3 |
CMOSIC2-WIREBUS64KELECTRICALLYERASABLEPROGRAMMABLEROM8KX8BITEEPROM From old datasheet system CMOS I?C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM CMOS I2C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
28LV256SI-3 28LV256SI-4 28LV256SI-5 28LV256SI-6 28 |
Speed: 200 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 250 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 300 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 400 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 400 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 300 ns.
|
Turbo IC
|
ATAM893-D-14 |
EEPROM Programmable Options
|
ATMEL Corporation
|
8020 |
8K x 8-Bit Programmable EEPROM
|
Bowmar Instrument
|
AT89LS8252 AT89S8252 |
Low Voltage, Downloadable MCU with 8K bytes Flash and 2K bytes EEPROM. In-System Programmable Microcontroller with 8K bytes Flash & 2K bytes EEPROM
|
Atmel
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|