PART |
Description |
Maker |
X9111_06 X9111 X9111TV14 X9111TV14-2.7 X9111TV14I |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally-Controlled (XDCP⑩) Potentiometer
|
http:// INTERSIL[Intersil Corporation]
|
ISL23315TFRUZ-T7A ISL23315TFRUZ-TK ISL23315TFUZ IS |
Single, Low Voltage Digitally Controlled Potentiometer (XDCP?? Single, Low Voltage Digitally Controlled Potentiometer (XDCP? 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PQCC10
|
Intersil Corporation
|
EPA209-30 EPA209-10 EPA209-100 EPA209-15 EPA209-2 |
14 Pin DIP TTL Square-Wave Generator With Complimentary Output Analog IC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-SOIC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-PDIP
|
PCA ELECTRONICS INC.
|
FX009A FX009ALS FX009AJ |
Digitally Controlled Amp Array Digitally Controlled Gain Amplifier 数控增益放大
|
CONSUMER MICROCIRCUITS LIMITED
|
EPA1825-10 EPA1825-100 EPA1825-11 EPA1825-12 EPA18 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|3-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 3线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Tapped Delay Line 抽头延迟 Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 14-TSSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 16-SOIC 14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
|
Analog Devices, Inc. NXP Semiconductors N.V. PCA ELECTRONICS INC.
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
X9428YP X9428YP-2.7 X9428YPI X9428YPI-2.7 X9428YS |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9015WS8T1 X9015_06 X9015 X9015UM8 X9015UM8-2.7 X9 |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
ISL22319UFU8Z ISL22319 ISL22319WFU8Z |
Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
X9110TV14I X9110TV14 X9110TV14-2.7 X9110TV14I-2.7 |
Single Digitally-Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|
ISL2341511 |
Single, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|