PART |
Description |
Maker |
ISL22424TFR16Z ISL22424TFV14Z ISL22424UFR16Z ISL22 |
Dual Digitally Controlled Potentiometer (XDCP?? Dual Digitally Controlled Potentiometer (XDCP? Dual Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, SPI® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 14-TSSOP T&R
|
Intersil Corporation
|
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
FX009A FX009ALS FX009AJ |
Digitally Controlled Amp Array Digitally Controlled Gain Amplifier 数控增益放大
|
CONSUMER MICROCIRCUITS LIMITED
|
ISL22326 ISL22326UFV14Z ISL22326WFV14Z |
Dual Digitally Controlled Potentiometers
|
Intersil Corporation
|
X926106 X9261US24Z X9261UV24Z X9261 X9261US24 X926 |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9221A |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X9269TV24IZ-2.7 |
Dual Digitally-Controlled Potentiometers DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
X9417YP24I-2.7 X9417YP24-2.7 X9417 |
Dual Digitally Controlled Potentiometers (XDCP DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP24 PLASTIC, DIP-24
|
Xicor Intersil, Corp.
|
X93254 |
Dual Digitally Controlled Potentiometers (XDCPs From old datasheet system
|
Xicor
|
X9455 X9255 |
Dual Two-wiper Digitally-Controlled Potentiometer(带两个滑动端的双路数控电位器) Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer(带两个滑动端的双路数控电位器(XDCP))
|
Xicor Inc.
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|