PART |
Description |
Maker |
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
PD25 PD26 PD24 PS56 PS85 PS88 PS58 PS87 PS560 PS58 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead PDIP 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free 28-Lead SOIC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged Half Bridge Driver, SoftTurn-On, Low Side Inverting Input, Separate High and Low Side Input, 500ns Deadtime in a 8-pin DIP package; A IR2183 packaged 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead SOIC 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21367 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a Lead-Free 8-Lead Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead SOIC High and Low Side Driver in a 14-pin DIP package; A IR2010 packaged in a Lead-Free 16-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a 8-Lead SOIC and Power Ground, Programmable Deadtime in a 14-pin DIP package; A IR21834 packaged in a 14-Lead PDIP Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead PDIP High voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels and with DC Bus Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2127 Analog IC 模拟IC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC shipped on Tape and Reel 模拟IC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 16-Lead SOIC shipped on Tape and Reel
|
Lattice Semiconductor, Corp.
|
TLE82453-3SA TLE82453-3SA-15 |
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
|
Infineon Technologies A...
|
TP2150B |
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
|
TRIPATH[Tripath Technology Inc.]
|
IXD611S1 IXD611P1 IXD611P7 IXD611S7 |
600V, 600 mA High and Low-side Driver 600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
|
IXYS Corporation
|
AUIRS20161S |
One high side output and internal low side Vs recharge. Automotive Grade High Side Driver with Internal Vs Recharge in a SO-8 package
|
International Rectifier International Rectifier, Corp.
|
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
IR2131 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
IRF[International Rectifier]
|
LTC4446EMS8E-PBF LTC4446EMS8E-TRPBF LTC4446IMS8E-P |
High Voltage High Side/ Low Side N-Channel MOSFET Driver High Voltage High Side/Low Side N-Channel MOSFET Driver
|
Linear Technology http://
|
TLE7809G |
Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
|
Infineon Technologies AG
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
|