PART |
Description |
Maker |
IC-HK IC-HKB IC-HKBMSOP8 IC-HKBSO8 IC-HKMSOP8 IC-H |
155MHz LASER SWITCH
|
IC-Haus GmbH
|
ADG799GBCPZ-REEL ADG799GCCPZ-REEL ADG799ACCPZ-REEL |
IC-Compatible, Wide Bandwidth, Triple 2 2 Crosspoint Switch 3-CHANNEL, CROSS POINT SWITCH, QCC24 IC-Compatible, Wide Bandwidth, Triple 2 × 2 Crosspoint Switch
|
Analog Devices, Inc.
|
ML9XX31 ML9SM31 ML9SM31-01-00 ML9SM31-01-01 ML9SM3 |
1536 nm, LASER DIODE 1553 nm, LASER DIODE 1558 nm, LASER DIODE 1544 nm, LASER DIODE InGaAsP DFB-LASER DIODE WITH EA MODULATOR InGaAsP的激光器激光二极管EA调制 InGaAsP DFB-LASER DIODE WITH EA MODULATOR InGaAsP的激光器激光二极管与EA调制 1549 nm, LASER DIODE
|
Mitsubishi Electric Semicon... MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ML725AA11F ML725B11F ML725J11F ML720L11S ML720AA11 |
1310 nm, LASER DIODE MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES 三菱激光二极管InGaAsP的DFB激光器
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
ADG1633 ADG1633BCPZ-REEL7 ADG1633BRUZ ADG1633BRUZ- |
4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 16-pin; Temperature Range: -40°C to 125°C TRIPLE 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16 4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 20-TSSOP (4.4mm); Temperature Range: -40°C to 125°C QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO20 4.5 Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches 4.5 楼? RON, Triple/Quad SPDT 隆戮5 V, 12 V, 5 V, and 3.3 V Switches
|
Analog Devices, Inc.
|
MAX4887 MAX4887ETE |
Triple Video Switch
|
Maxim Integrated Products
|
D2525P D2525P40 D2525P41 D2525P42 D2525P60 D2525P4 |
Wavelength-selected isolated DFB laser module with PMF. ITU frequency 190.4. Wavelength 1574.54. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 192.5. Wavelength 1557.36. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 192.4. Wavelength 1558.17. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 191.3. Wavelength 1567.13. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 193.1. Wavelength 1552.52. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 191.8. Wavelength 1563.05. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.7. Wavelength 1597.19. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.3. Wavelength 1609.19. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.3. Wavelength 1600.60. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.3. Wavelength 1592.10. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.5. Wavelength 1607.47. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.4. Wavelength 1608.33. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.7. Wavelength 1588.72. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 189.9. Wavelength 1578.69. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 189.0. Wavelength 1586.20. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.5. Wavelength 1598.89. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 190.3. Wavelength 1575.37. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 193.8. Wavelength 1546.92. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.0. Wavelength 1594.64. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 193.5. Wavelength 1549.32. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.9. Wavelength 1604.33. Tolerance -0.4nm. ATM/SONET/SDH SUPPORT CIRCUIT, DFO14 Wavelength-Selected D2525P Isolated DFB Laser Module with PMF 波长选择D2525P隔离DFB激光器模块观会 Wavelength-selected isolated DFB laser module with PMF. ITU frequency 191.6. Wavelength 1564.68. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.9. Wavelength 1595.49. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.7. Wavelength 1605.74. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 193.9. Wavelength 1546.12. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 189.4. Wavelength 1582.85. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.6. Wavelength 1589.57. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 189.1. Wavelength 1585.36. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.9. Wavelength 1587.04. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.2. Wavelength 1592.95. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.8. Wavelength 1587.88. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 186.8. Wavelength 1604.88. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.8. Wavelength 1596.34. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 188.5. Wavelength 1590.41. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.2. Wavelength 1601.45. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 187.1. Wavelength 1602.31. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 193.6. Wavelength 1548.51. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 192.6. Wavelength 1556.55. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 192.7. Wavelength 1555.75. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 191.5. Wavelength 1565.50. Tolerance -0.4nm. Wavelength-selected isolated DFB laser module with PMF. ITU frequency 192.2. Wavelength 1559.79. Tolerance -0.4nm. Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
|
TRIQUINT SEMICONDUCTOR INC TE Connectivity, Ltd. AGERE[Agere Systems]
|
CL7192EQC160-12P CL7192SQC160-15 CL7192EQC160-20 C |
Laser-Programmable Complex PLD 激光可编程复杂可编程逻辑器件 Laser processed logic device
|
Macronix International Co., Ltd. CLEARLOGIC
|
MAX3946ETG |
1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
|
Maxim Integrated Products
|
M02066-21 M02066-EVME |
Drivers, 3.3V Laser Driver IC for Applications to 3Gbps Optical evaluation board, TO-can laser
|
Mindspeed Technologies
|