PART |
Description |
Maker |
CPHS-EP13-2S-10P-Z CPHS-EP13-1S-10P-Z |
EP cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPHS-EFD12-1S-8P-Z |
EFD cores and acces sories
|
Ferroxcube International Holding B.V.
|
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
EPC10 EPC PC50EPC30AXXX BEPC-10-118GA BEPC-13-1110 |
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
|
TDK[TDK Electronics] TDK Corporation
|
B65659F0001X101 B63399-B4 B63399-B5 B65651 B65651- |
(B6565x Series) Ferrites Core PM/P/P Cores Halves/EP/TT/PR Cores
|
EPCOS[EPCOS]
|
B65611-400-G48 B65611-W-R30 B65611-630-A48 B65611- |
PM/P/P Cores Halves/EP/TT/PR Cores 下午/ P型半/环氧树脂/公关磁芯
|
EPCOS AG
|
B65672-A5002 B65672-B-T1 B65672-B5000 B65672B50000 |
PM/P/P Cores Halves/EP/TT/PR Cores
|
http:// EPCOS[EPCOS]
|
B65702A50000000 B63399-B1 B63399-B5 B65679-E1-X22 |
PM/P/P Cores Halves/EP/TT/PR Cores
|
EPCOS[EPCOS]
|
B65679-E3-X22 B63399-B1 B63399-B5 B65611 B65611-10 |
PM/P/P Cores Halves/EP/TT/PR Cores
|
EPCOS[EPCOS]
|
UT9Q512 |
512K words by 8 bits high-performance CMOS asynchronous static RAM. 25ns acces time. 3V and 5V.
|
Aeroflex Circuit Technology
|
PC40EERXX PC40EE50.3 PC40EE25 PC40EIXX |
Cores
|
TDK
|
UI25 UI25.4 |
UF cores and UI cores
|
YUXIANG Magnetc materials Ind. Co., Ltd.
|