PART |
Description |
Maker |
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
MBRB2090CT MBR2090CT MBR20100CT MBRB20100CT MBRF20 |
Dual High-Voltage Schottky Rectifiers 双高压肖特基整流 Dual High-Voltage Schottky Rectifiers, Forward Current 20A
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
MBRF10100CT MBRF10200CT |
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MC10EL31D MC100EL31D 57173HR UVB-5X173 |
Dual 1A Current-Limited, Power-Distribution Switches 8-SOIC -40 to 85 12.76.35mm的光 12.7X6.35mm LIGHT BAR 12.7X6.35mm光条 12.7mm X 6.35mm Light Bar 12.7 6.35mm LIGHT BAR
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|
BA-8D6UW BA-4E7UW-C BA-8G6UW BA-8S6UW BA-2E2UW BA- |
LED LIGHT BAR & BAR GRAPH ARRAYS
|
Yellow Stone Corp http://
|
SS2H10 |
High Voltage Surface Mount Schottky Barrier Rectifiers, Forward Current 2.0A, Reverse Voltage 90 to 100V
|
Vishay
|
SS10PH10-M3_86A SS10PH10-M3_87A SS10PH10-M3/86A SS |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
MBRF30H100CT MBR30H100CT MBRB30H100CT MBRB30H90CT |
High-Voltage Dual Schottky Rectifiers Forward Current 30A Maximum TJ 175C Reverse Voltage 90 to 100V
|
Vishay Intertechnology,Inc. http:// ON Semiconductor VISAY[Vishay Siliconix]
|
SS8PH9 SS8PH10 |
(SS8PH9 / SS8PH10) High Current Density Surface Mount High Voltage Schottky Rectifier
|
Vishay Siliconix
|
B1100 B1X-13-F B190B-13-F B190-13 B170B-13 B170B-1 |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 63V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 90 V, SILICON, SIGNAL DIODE RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 100 V, SILICON, SIGNAL DIODE 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
AB081C20W |
High Power Single Bar CW Infrared Laser Diode
|
Roithner LaserTechnik GmbH
|