PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36500-0129 MM-B2602-C913 0365000129 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ)
|
Molex Electronics Ltd.
|
0850032751 85003-2751 |
2.54mm (.100) Pitch DIN 41612 Header, Style C Right Angle, Through Hole 2.54mm (.100") Pitch DIN 41612 Header, Style C Right Angle, Through Hole MOLEX Connector
|
Molex Electronics Ltd.
|
85013-3122 0850133122 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1μm (40μ) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1渭m (40渭) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 96 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
0850032763 85003-2763 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25μm(10μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25楼矛m(10楼矛") Selective Gold (Au), 64 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0850420270 850420270 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-6103 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
85042-3548 0850423548 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850030165 85003-0165 |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6渭m (24渭")Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6μm (24μ)Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
0365010026 MM-B2502-C480 MMB2502C480 36501-0026 |
2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 48 Circuits 2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 48 Circuits
|
Molex Electronics Ltd.
|
|