PART |
Description |
Maker |
4PS0300R17KE3-3G |
2x 165A AC at 690V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
170M4108 170M4109 170M4110 170M5268 170M3120 170M3 |
Square Body ?DIN 43 653 690V/700V (IEC/U.L.) Square Body DIN 43 653 690V/700V IEC/UL 40-2000A Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
|
Cooper Bussmann, Inc.
|
170M7060 170M7061 170M7062 170M7064 170M7065 170M7 |
690V (IEC) 1000-4000A 690V (IEC) 1000-4000A
|
Cooper Bussmann, Inc.
|
4PS0300R12KS4-3G |
2x 183A AC at 400V AC, forced air (fan not implemented)
|
eupec GmbH
|
2PS1200R12KS4-4G |
1x 610A AC at 400V AC, forced air (fan not implemented)
|
eupec GmbH
|
ISL91108IIAZ-T ISL91108IIAZ-T7A ISL91108IIA-EVZ |
Selectable forced PWM mode and external synchronization
|
Intersil Corporation
|
NSYCVF560M230PF |
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
|
List of Unclassifed Man...
|
NSYCVF560M115PF |
ClimaSys forced vent. IP54, 560m3/h, 115V,with outlet grille and filter G2
|
List of Unclassifed Man...
|
PSRL5017R5-I PSRL5017RX5-03I PSRL5017RX5-05I PSRL5 |
Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
|
Wall Industries,Inc.
|