PART |
Description |
Maker |
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
SHD526154 |
POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
|
Sensitron
|
LT1003 LT1003C LT1003CK LT1003M LT1003MK |
From old datasheet system 5 Volt, 5 Amp Voltage Regulator 5 Volt / 5 Amp Voltage Regulator DFK-MSTB 2,5/12-G WW(1X1) 5 V FIXED POSITIVE REGULATOR, MBFM2
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
ZR78L04N8 ZR78L028N8 ZR78L057G ZR78L057C ZR78L06G |
Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-21 Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-41 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-25 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 4.85 V FIXED POSITIVE REGULATOR, PDSO4 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 2.85 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 3.3 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 8.5 V FIXED POSITIVE REGULATOR, PDSO4
|
Zetex Semiconductor PLC
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
EZ55Z3L-S3 EZ55Z3L EZ55Z3L-Z3 EZ55Z3L-S3.3 EZ55Z3L |
9 V FIXED POSITIVE REGULATOR, PBCY3 0.25 AMP POSITIVE VOLTAGE REGULATORS ADS7829 Evaluation Module 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 0.25放大器正电压调节 Analog IC 模拟IC 3.3 V FIXED POSITIVE REGULATOR, PBCY3 TO-92, 3 PIN
|
SEMTECH[Semtech Corporation] Semtech, Corp. NXP Semiconductors N.V.
|
LM2931ADT33 LM2931AZ33R LM2931AZ33 LM2931BZ33R LM2 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SIP,3PIN,PLASTIC
|
STMicroelectronics N.V. ST Microelectronics
|
EZ1117CST-X.X EZ1117ACM-X.X EZ111706 EZ1117ACST-X. |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 TO-263, 3 PIN 0.8 & 1.0 AMP Positive Voltage Regulators
|
Analog Devices, Inc. Semtech Corporation
|
PQ12SZ5T |
VOLT REGULATOR|FIXED| 12V|BIPOLAR|SIP|3PIN|PLASTIC 电压调节器|定额| 12V的|双极|园区| 3针|塑料 12 V FIXED POSITIVE REGULATOR, PSSO2
|
STMicroelectronics N.V. SHARP ELECTRONICS CORP
|
OM7631NM OM7630NM OM7629NM |
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic Surface Mount Package
|
International Rectifier
|
LM140IG-05 SEMELABLTD-IP7815IGR1 LM140R-15-883B |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, SFM3 15 V FIXED POSITIVE REGULATOR, MBFM2
|
TT electronics Semelab, Ltd. SEMELAB LTD
|
LM1085SMD LM1085IG LM1085K-3.3 LM1085G-3.3 |
3 AMP POSITIVE VOLTAGE REGULATOR FIXED POSITIVE LDO REGULATOR, BCY3 FIXED POSITIVE LDO REGULATOR, SFM3
|
Seme LAB SEMELAB LTD
|