PART |
Description |
Maker |
MC33275DT-3.0 MC33275DT-3.3RKG MC33275D-2.5G MC332 |
300 MA, LOW DROPOUT VOLTAGE REGULATOR
|
http:// ONSEMI[ON Semiconductor]
|
APL5301-16DI-TR APL5301-26DI-TR APL5302-16DI-TR AP |
1.6 V, low IQ, low dropout 300 mA fixed voltage regulator 2.6 V, low IQ, low dropout 300 mA fixed voltage regulator 3.5 V, low IQ, low dropout 300 mA fixed voltage regulator 2.1 V, low IQ, low dropout 300 mA fixed voltage regulator 3.1 V, low IQ, low dropout 300 mA fixed voltage regulator 4.8 V, low IQ, low dropout 300 mA fixed voltage regulator 4.9 V, low IQ, low dropout 300 mA fixed voltage regulator 2.3 V, low IQ, low dropout 300 mA fixed voltage regulator 1.4 V, low IQ, low dropout 300 mA fixed voltage regulator 3.4 V, low IQ, low dropout 300 mA fixed voltage regulator 2.4 V, low IQ, low dropout 300 mA fixed voltage regulator 1.7 V, low IQ, low dropout 300 mA fixed voltage regulator 2.7 V, low IQ, low dropout 300 mA fixed voltage regulator 1.9 V, low IQ, low dropout 300 mA fixed voltage regulator 3.3 V, low IQ, low dropout 300 mA fixed voltage regulator 1.3 V, low IQ, low dropout 300 mA fixed voltage regulator 5.0 V, low IQ, low dropout 300 mA fixed voltage regulator 3.0 V, low IQ, low dropout 300 mA fixed voltage regulator 2.0 V, low IQ, low dropout 300 mA fixed voltage regulator 2.2 V, low IQ, low dropout 300 mA fixed voltage regulator 3.2 V, low IQ, low dropout 300 mA fixed voltage regulator 2.8 V, low IQ, low dropout 300 mA fixed voltage regulator 1.8 V, low IQ, low dropout 300 mA fixed voltage regulator 2.5 V, low IQ, low dropout 300 mA fixed voltage regulator 1.5 V, low IQ, low dropout 300 mA fixed voltage regulator 2.9 V, low IQ, low dropout 300 mA fixed voltage regulator
|
ANPEC Electronics Corporation
|
MC33375-D |
300 mA, 2.5 V, Low Dropout Voltage Regulator with On/Off Control
|
ON Semiconductor
|
NCP2860 NCP2860DM277R2 |
300 mA Very Low Noise LDO 300 mA Very Low Noise, Low Dropout Linear Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TA48LS033F TA48LS025F TA48LS018F TA48LS015F TA48LS |
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 300毫安的输出电流和低压差稳压器的开/关控制开
|
Toshiba, Corp. Unisonic Technologies Co., Ltd. Toshiba Semiconductor
|
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
MAX883MPA MAX883MPR MAX883C MAX883MPA/PR MAX883D |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.44 V DROPOUT, PDIP8 0.300 INCH, PLASTIC, MS-001AB, DIP-8
|
Maxim Integrated Products, Inc.
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
LM2954F LM2954P |
300 mA low-dropout voltage regulator. Output voltage: 4.95V(min), 5.0V(typ), 5.05V(max) Feedback tied to 5V tap an output tied to output sense(Vout=5V) and Vshutdown
|
Contek Microelectronics
|
MAX1976 MAX1976ETT MAX1976EZT MAX1963 MAX1963ETT M |
0.75 V, low-input-voltage, 300 mA LDO regulator with RESET 2.50 V, low-input-voltage, 300 mA LDO regulator with RESET Low-Input-Voltage, 300mA LDO Regulators with RESET-bar in SOT and TDFN Low-Input-Voltage / 300mA LDO Regulators with RESETin SOT and TDFN Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN 低输入电压,300mA的LDORESETin SOT和TDFN封装稳压 1.2 V, low-input-voltage, 300 mA LDO regulator with RESET 3.0 V, low-input-voltage, 300 mA LDO regulator with RESET 2.5 V, low-input-voltage, 300 mA LDO regulator with RESET 2.85 V, low-input-voltage, 300 mA LDO regulator with RESET 1.0 V, low-input-voltage, 300 mA LDO regulator with RESET
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|