PART |
Description |
Maker |
2SA1832 |
High Voltage and High Curren :VCEO=-50V,IC=-150mA(Max.) High hFE: hFE=70 to 400
|
TY Semiconductor Co., Ltd
|
AQ-INSUL1M AQ-CBL-INPUT1C |
Parallel operation supported
|
SynQor Worldwide Headqu...
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MC54HC194J |
HC/UH SERIES, 4-BIT BIDIRECTIONAL PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16
|
MOTOROLA INC
|
CD4034BDMSH |
4000/14000/40000 SERIES, 8-BIT BIDIRECTIONAL PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP24
|
HARRIS SEMICONDUCTOR
|
MOR2812D MOR2805D MOR283R3D MOR283R3S MOR286R3S MO |
Parallel operation with current share, up to 5 units (540 watts) 1-OUTPUT 110 W DC-DC REG PWR SUPPLY MODULE MODULE-12 2-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
Interpoint Corporation Company http:// Standard Power CRANE ELECTRONICS INC
|
CAT28C256 CAT28C256-12 CAT28C256-15 28C256 CAT28C2 |
32K-Bit Parallel E2PROM 32K parallel EEPROM 120ns 32K parallel EEPROM 150ns
|
http:// CATALYST[Catalyst Semiconductor]
|
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
M28C256-15NS1T M28C256-15WBS1T M28C256-15BS1T M282 |
Connector assemblies, Network cables; Drop Ship:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Locking Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection 256千位(的32KB × 8)与软件数据保护并行的EEPROM Octal Buffers/Drivers With 3-State Outputs 20-PDIP 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection 256千位2KB的EEPROM与x8并行软件数据保护 Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM
|
意法半导 STMicroelectronics N.V.
|
MAX3693ECJ |
3.3V, 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs SERIAL TO PARALLEL/PARALLEL TO SERIAL CONVERTER, PQFP32
|
Maxim Integrated Products, Inc.
|
MAX3690ECJ |
3.3V, 622Mbps SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs SERIAL TO PARALLEL/PARALLEL TO SERIAL CONVERTER, PQFP32
|
Maxim Integrated Products, Inc.
|