PART |
Description |
Maker |
VHF36-08IO5 VHF36-12IO5 VHF36-14IO5 VHF36-16IO5 L0 |
Half Controlled Single Phase Rectifier Bridge 28 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge 28 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM00-1600V的半桥控制单相位整流带自由滑动的二极管)) Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VUO16 VUO16-08NO1 VUO16-18NO1 VUO16-12NO1 VUO16-14 |
Three Phase Rectifier Bridge 3 PHASE, 15 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 15 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 15 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 15 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHFD16-14IO1 VHFD16-16IO1 VHFD16 VHFD16-08IO1 VHFD |
VOLTAGE TESTER NONCONTACT; 15 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
VBO40 VBO40-12NO6 VBO40-16NO6 VBO40-08NO6 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO30-14NO7 VBO30-18NO7 VBO30 VBO30-08NO7 VBO30-12 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|