PART |
Description |
Maker |
LT3024EDE LT3024EFE LT3024 |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LT3024EDE-PBF LT3024IDE-PBF LT3024EFE-PBF LT3024IF |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
AME8753 AME8753AEZA2533Z |
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
|
Analog Microelectronics
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
MIC523707 MIC5237-3.3BU MIC5237-3.3YU MIC5237-2.5Y |
500mA Low-Dropout Regulator IC REG LDO 500MA 3.3V TO263 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3
|
Micrel Semiconductor, Inc.
|
PJ5800 PJ5800CP PJ5800CW PJ5800CY PJ5815CP PJ5815C |
12V; 500mA CMOS low dropout voltage regulator 500mA CMOS Low Dropout Voltage Regulators
|
PROMAX-JOHNTON List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
CS-8151 |
5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V00mA的低压差线性稳压器,带有看门狗复位
|
TURCK, Inc.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|