PART |
Description |
Maker |
FDD5N50F |
N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ohms N-Channel MOSFET, FRFET 500V, 3.5A, 1.55ヘ N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ω
|
Fairchild Semiconductor
|
FDP20N50F |
N-Channel MOSFET, FRFET 500V, 20A, 0.26Ω N-Channel MOSFET, FRFET 500V, 20A, 0.26ヘ
|
http:// Fairchild Semiconductor
|
FDH45N50F |
500V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
FDB12N50F |
N-Channel MOSFET, FRFET 500V, 11.5A, 0.7楼? N-Channel MOSFET, FRFET 500V, 11.5A, 0.7Ω
|
Fairchild Semiconductor
|
FDP20N50F11 |
N-Channel MOSFET, FRFET 500V, 20A, 0.26Ω
|
Fairchild Semiconductor
|
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
IRFP450 6068 -IRFP450 |
N-Channel 500V-0.33惟-14A- TO-247 PowerMESHTM MOSFET(N娌??MOSFET) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.33Ω- 14A条至247 PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET From old datasheet system N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
FQB5N50C FQI5N50C FQB5N50CTM FQI5N50CTU |
500V N-Channel MOSFET 5 A, 500 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDPF8N60ZUT FDP8N60ZU |
N-Channel MOSFET, FRFET 600V, 6.5A, 1.35Ω 6.5 A, 600 V, 1.35 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB ROHS COMPLIANT, TO-220F, 3 PIN
|
Fairchild Semiconductor, Corp.
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
FDP6N60ZU12 FDPF6N60ZUT12 |
N-Channel MOSFET, FRFET 600V, 4.5A, 2Ω
|
Fairchild Semiconductor
|
|