PART |
Description |
Maker |
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BL-BG43V1 |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L PDIP LED AlInGaN Green Low current requirement.
|
Bright LED Electronics Corp.
|
BL-BJ33V4V-1 |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L CDIP LED AlGaInP/GaAs Super Orange Low current requirement.
|
Bright LED Electronics Corp.
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTMSD3P303R2 |
FETKY™ P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package P−Channel Enhancement−Mode Power MOSFET and Schottky Diode Dual SO−8 Package P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package(双P通道,增强模式,SO-8封装的功率MOSFET与肖特基二极
|
ON Semiconductor
|
ZXMP3A17DN8TA ZXMP3A17DN8TC ZXMP3A17DN8-15 |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 3400 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductor PLC
|
NTE2975 |
Dual Channel, 1/1, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
NTE2957 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
HYS72T512022EP-3S-B |
240-Pin Dual Die Registered DDR2 SDRAM Modules 512M X 72 DDRAM MOD, 0.5 ns, DMA240
|
Qimonda AG
|